PART |
Description |
Maker |
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
IDT79RV4650-100DP IDT79RV4650-100DPI IDT79RV4650-1 |
EMBEDDED 64-BIT ORION ? RISC MICROPROCESSOR Low-Cost 64-bit RISController w/DSP Capability DEMAK9S 64-BIT, 100 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 200 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 150 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HD6437042ACF28 HD6437042AF HD6437042AF28 HD64F7044 |
Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
|
RENESAS[Renesas Electronics Corporation]
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
MSM486SL MSM486SL16 MSM486SL8 MSM486SL2 |
The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board
|
List of Unclassifed Manufacturers ETC[ETC]
|
AT90S1200A-12PC |
MICROCONTROLLER,8-BIT,AVR RISC CPU,CMOS,DIP,20PIN,PLASTIC From old datasheet system
|
Atmel Corp
|
APE17024 APEXX24 APE25524 APE34024 APE12724 |
very low cost voice and melody synthesizer with 4-bits CPU
|
Aplus Intergrated Circuits APLUS[Apuls Intergrated Circuits] Aplus Integrated Circuits
|
MAX1888 MAX1888EUA |
Low-Cost Integrated Offset Logic for Notebook CPU Power Supplies
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
APEXX04 APE0504 APE1004 |
LJT 66C 66#22D SKT RECP 成本低廉的语音和旋律合成4位的CPU very low cost voice and melody synthesizer with 4-bits CPU
|
Aplus Integrated Circuits Inc. APLUS[Apuls Intergrated Circuits] Aplus Intergrated Circuits
|
MAX110-MAX111 MAX110BC/D MAX110BCAP MAX110BCPE MAX |
Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, UUC19 Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP16 Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, ±14-Bit Serial ADCs
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
PCF80C552-5-24WP/07 PCB80C552-5-16WP/07 P83C552KBB |
Single-chip 8-bit microcontroller IC-SM-8-BIT CPU MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|80PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|68PIN|PLASTIC IC-SM-CPU 集成电路钐的CPU
|
NXP Semiconductors N.V.
|